Electronic Components Datasheet Search
  English  ▼

X  

KW CSLPM2.CC-8L8M-4R9T Datasheet (PDF) - ams-OSRAM AG

KW CSLPM2.CC-8L8M-4R9T Datasheet PDF - ams-OSRAM AG
Part # KW CSLPM2.CC-8L8M-4R9T
Download  KW CSLPM2.CC-8L8M-4R9T Download
File Size   2043.5 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Square Flat

KW CSLPM2.CC-8L8M-4R9T Datasheet (PDF)

Go To PDF Page Download Datasheet
KW CSLPM2.CC-8L8M-4R9T Datasheet PDF - ams-OSRAM AG

Part # KW CSLPM2.CC-8L8M-4R9T
Download  KW CSLPM2.CC-8L8M-4R9T Click to download

File Size   2043.5 Kbytes
Page   26 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description OSLON® Square Flat

KW CSLPM2.CC-8L8M-4R9T Datasheet (HTML) - ams-OSRAM AG


KW CSLPM2.CC-8L8M-4R9T Product details

Applications
- Entertainment - Transportation
Features
- Package: Ceramic package
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.41, Cy = 0.39 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 2B
- Color temperature: 3000K - 4000K
- CRI: 90 (min.)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)





Similar Part No. - KW CSLPM2.CC-8L8M-4R9T

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
KW CSLPM2.PC-7M7N-4C8E AMSOSRAM-KW CSLPM2.PC-7M7N-4C8E Datasheet
1Mb / 25P
OSLON® Square Flat
Version 1.7 2023-01-04
KW CSLPM2.PC-7M7N-4F8G AMSOSRAM-KW CSLPM2.PC-7M7N-4F8G Datasheet
1Mb / 25P
OSLON® Square Flat
Version 1.7 2023-01-04
KW CSLPM2.PC-7M7N-4H8I AMSOSRAM-KW CSLPM2.PC-7M7N-4H8I Datasheet
1Mb / 25P
OSLON® Square Flat
Version 1.7 2023-01-04
More results


Similar Description - KW CSLPM2.CC-8L8M-4R9T

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWCSLPM2.PC OSRAM-KWCSLPM2.PC Datasheet
836Kb / 25P
OSLON Square Flat
GWCSSRM2.EM OSRAM-GWCSSRM2.EM Datasheet
1Mb / 25P
OSLON Square
GWCSSRM2.EM OSRAM-GWCSSRM2.EM_17 Datasheet
1Mb / 25P
OSLON Square
SFH4735 OSRAM-SFH4735 Datasheet
629Kb / 13P
OSLON Black Flat
LDCQAR OSRAM-LDCQAR Datasheet
9Mb / 22P
OSLON Square
GHCSSRM2.24 OSRAM-GHCSSRM2.24 Datasheet
1Mb / 22P
OSLON Square
GDCSSRM2.14 OSRAM-GDCSSRM2.14 Datasheet
3Mb / 22P
OSLON Square
LRH9PP OSRAM-LRH9PP Datasheet
726Kb / 22P
OSLON Black Flat
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com